Part Number Hot Search : 
D880GR FRF504G MRF100 B1101UCL UPD75 OMR184NH 012X5R1 AC05FGM
Product Description
Full Text Search
 

To Download FEN30DP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 30A Super Fast Recovery Rectifier FEN30AP - FEN30DP
30A Super Fast Recovery Rectifier
Features
* * * * * * * Glass passivated chip junction Low reverse leakage current High forward surge capability Low power loss, high efficiency Low stored charge majority carrier conduction Low forward voltage, high current capability RoHS Compliance
TO-3P
Mechanical Data
Case: Epoxy: Terminals: Polarity: Weight: TO-3P, molded plastic body over passivated chips Plastic package has UL flammability classification 94V-0 Plated leads solderable per MIL-STD-750, Method 2026 As marked 0.22 ounce, 6.2 gram
Maximum Ratings and Electrical Characteristics (T A=25C unless noted otherwise)
Symbol Description Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current per leg FEN 30AP 50 35 50 FEN 30BP 100 70 100 FEN 30CP 150 105 150 FEN 30DP 200 140 200 Unit V V V Conditions
VRRM VRMS VDC IF(AV)
30
A 8.3ms single half sine-wave superimposed on rated load (JEDEC Method)
IFSM
300
A
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: Fax: (800)-TAITRON (800)-824-8766 (800)-TAITFAX (800)-824-8329 (661)-257-6060 (661)-257-6415
Rev. A/AH 2008-03-28 Page 1 of 4
30A Super Fast Recovery Rectifier FEN30AP - FEN30DP
Symbol Description Maximum Instantaneous Forward Voltage per leg Maximum DC Reverse Current at Rated DC Blocking Voltage per leg Typical Reverse Recovery Time per leg Typical Junction Capacitance per leg Operating and Storage Junction Temperature Range FEN 30AP FEN 30BP 0.975 10 500 35 250 nS pF FEN 30CP FEN 30DP Unit Conditions
VF IR Trr CJ TJ,TSTG
V
IF=15A, TC=25 C TC=25 C TC=150 C IF=0.5A, IR=1A, Irr=0.25A VR=4V, f=1MHz
A
-65 to +150
C
Typical Characteristics Curves
Fig.1-Forward Current Derating Curve Average Forward Rectified Current (A) Peak Forward Surge Current (A) Lead Temperature (C)
Fig.2-Max. Non-Repetitive Peak Forward Surge Current per leg
Number of Cycles at 60Hz
Rev. A/AH 2008-03-28 www.taitroncomponents.com Page 2 of 4
30A Super Fast Recovery Rectifier FEN30AP - FEN30DP
Fig.3- Typical Instantaneous Forward Characteristics per leg Instantaneous Reverse Leakage Current (A)
Instantaneous Forward Current (A)
Fig.4-Typical Reverse Characteristics per leg
Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Fig.5- Typical Junction Capacitance per leg
Junction Capacitance (pF)
Reverse Voltage (V)
Rev. A/AH 2008-03-28 www.taitroncomponents.com Page 3 of 4
30A Super Fast Recovery Rectifier FEN30AP - FEN30DP
Dimensions in mm
TO-3P
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKAWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 824-8766 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONETS INCORPORATED E REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONETS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
METROBANK PLAZA, 1160 WEST YAN' AN ROAD, SUITE 1503, SHANGHAI, 200052, CHINA Tel: +86-21-5424-9942 Fax: +86-21-5424-9931 Rev. A/AH 2008-03-28 www.taitroncomponents.com Page 4 of 4


▲Up To Search▲   

 
Price & Availability of FEN30DP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X